Part Number Hot Search : 
74LV32 74FR240 90160 CSB20C04 MC44353 LW501 78DL09P IRCZ44
Product Description
Full Text Search
 

To Download B25667-A2317-A175 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors for Power Electronics
Series/Type:
B25667A
The following products presented in this data sheet are being withdrawn. Ordering Code B25667A2317A375 Substitute Product B25667B3297A375 Date of Withdrawal 2004-09-10 Deadline Last Orders Last Shipments
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
PhaseCapTM B25667-A2317-A375
MKK230-D-5-01 4RB5 052-5 AB 23
Characteristics CN UN fN QN IN tan 0 3x 104,4 AC 230 50 5,2 3x 13 F 5 % V Hz kvar A
Marking
60 Hz 6,2 kvar 16 A
0,2 W/kvar (dielectric)
Maximum ratings Umax
The information in our data book / sheet describes the type of component and shall not be considered as assured characteristics.
I r(40) Is (du/dt) max (du/dt) s
AC 250 AC 300 3x 25 4500 10 25
V, 8 h daily V, 1 min A (A = 40C, U N ) A V/s V/s
Toothed washer DIN 6797-J13 Hex nut DIN 439-BM12
Test data UTT UTC AC 500 V, 10 s AC 3000 V, 10 s
Rivet (Impregnating hole)
tan (50 Hz) 0,6 W/kvar (total)
C61014-A0505-A401 Dimensions in mm
Climatic category -40/D min max Humidity stg -40 C +55 C Max. relative Humidity 95 % -55 bis +70 C
Design data Dimensions O x l Approx. weight Impregnation Fixing Mounting hole Max. torque Terminals Max. torque Terminal cross section Creepage distance Clearance 121,6 x 164 mm (4,79 x 6,46 in) 1,3 kg (2,9 lb) Gas Threaded bolt M12 14 mm (0,55 in) 10 Nm Isolated terminal, IP20 1,2 Nm 16 mm (5 AWG) 12,7 mm (0,50 in) 9,6 mm (0,38 in)
Life expectancy t LD 100 000 h
Overpressure disconnector Any mounting position possible
Remarks Natural cooling
IEC 60831-1/2, EN 60831-1/2, VDE 560-46/47
KO L E / Pe 01.12.1999
Contact: EPCOS AG KO PM L, P.O. Box 80 17 09, 81617 Munich, Germany, Fax: 0049 89 636-22748, Phone: 0049 89 636-23817


▲Up To Search▲   

 
Price & Availability of B25667-A2317-A175

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X